PART |
Description |
Maker |
ULLC0402FC05C ULLC0402FC3.3C ULLC0402FC08C ULLC040 |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
|
Electronic Theatre Controls, Inc. PROTEC[Protek Devices]
|
ULLC0408FC05C11 |
UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
|
Protek Devices
|
ULLC0408FC05C12 |
UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
|
Protek Devices
|
LC0408FC3.3C07 LC0408FC36C LC0408FC05C LC0408FC08C |
200 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE, DO-201 FLIP CHIP-8 200 W, BIDIRECTIONAL, 8 ELEMENT, SILICON, TVS DIODE ROHS COMPLIANT, FLIP CHIP-8 LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
ULC0404FC12C |
UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY 200 W, BIDIRECTIONAL, 4 ELEMENT, SILICON, TVS DIODE
|
ProTek Devices
|
PJSLC05C-02 |
LOW CAPACITANCE SINGLE TVS 200W FOR HIGH SPEED DATA LINES
|
Pan Jit International Inc.
|
LC0408FC36C LC0408FC LC0408FC05C LC0408FC08C LC040 |
LOW CAPACITANCE FLIP CHIP ARRAY
|
PROTEC[Protek Devices]
|
SFC3.3-4.BCT SFC3.3-4 |
Low Voltage ChipClampΤΜ Flip Chip TVS Diode Array Low Voltage ChipClampビヌ Flip Chip TVS Diode Array
|
Semtech Corporation
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MS8151-P2613 |
GaAs Schottky Devices Low CT Flip Chip
|
Microsemi Corporation
|
ESD9LFN5.0 |
Chip Low Capacitance TVS Diode For ESD Protection
|
Formosa MS
|